Part Number Hot Search : 
AM29F0 ALFY455E DU222 256574 CXA3171N AO4488 D4235G MC1558SG
Product Description
Full Text Search
 

To Download ZM4744 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM4728 THRU ZM4764
SILICON PLANAR POWER ZENER DIODES
Features
Silicon Planar Power Zener Diodes for use in stabilizing and clipping circuits with high power rating. Standard Zener voltage tolerance is 10%. Add suffix A for 5% tolerance. Other tolerances available upon request. These diodes are also available in DO-41 case with the type designation 1N4728 thru 1N4764. These diodes are delivered taped. Details see Taping. Weight approx. : 0.25g
DIMENSIONS DIM A B C inches Min. 0.189 0.092 0.016 Max. 0.205 0.100 Min. 4.8 2.35 0.4 mm Max. 5.2 2.55 Note
Absolute Maximum Ratings
(Ta=25
)
Symbols Values Units
Zener current see Table "Characteristics" Power dissipation at Tamb=25 Junction temperature Storage temperature range
Note: (1) Valid provided that electrodes are kept at ambient temperature.
Ptot Tj TS
1
1)
W
175 -65 to +175
Characteristics
Thermal resistance junction to ambient Air
at Tamb=25
Symbols Min. Typ. Max. Units
RthA VF
-
-
170 1.2
1)
K/W V
Forward voltage at IF=200mA
Note: (1) Valid provided that electrodes are kept at ambient temperature.
1
Type
Nominal Zener voltage range 3) at IZT Vz V
Test current
Maximum Zener Impedance 1)
Maximum reverse leakage current
Surge current at TA=25
Maximum regulator currnet
2)
IZT mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
at IZT ZZT
ZZK
at IZK mA
IR uA 150 100 100 50 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
at VR V 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
IR mA 1375 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45
IZM mA 275 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9
ZM4728 ZM4729 ZM4730 ZM4731 ZM4732 ZM4733 ZM4734 ZM4735 ZM4736 ZM4737 ZM4738 ZM4739 ZM4740 ZM4741 ZM4742 ZM4743 ZM4744 ZM4745 ZM4746 ZM4747 ZM4748 ZM4749 ZM4750 ZM4751 ZM4752 ZM4753 ZM4754 ZM4755 ZM4756 ZM4757 ZM4758 ZM4759 ZM4760 ZM4761 ZM4762 ZM4763 ZM4764
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350
400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Notes: (1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2) Valid provided that electrodes are kept at ambient temperature. (3) Measured under thermal equilibrium and DC test conditions.
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of ZM4744

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X